PART |
Description |
Maker |
OM6559SP1 OM6558SP1 OM6545SP1 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 25A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展|5A条(c)的|园区 TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 21A I(C) | SIP 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 21A条(c)的|园区 TRANSISTOR | IGBT | N-CHAN | 500V V(BR)CES | 49A I(C) | SIP 晶体管| IGBT的|正陈| 500V五(巴西)国际消费电子展|9A一(c)|园区
|
Electronic Theatre Controls, Inc. OKI SEMICONDUCTOR CO., LTD.
|
CG3310 ECG3323 ECG3312 |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 25A I(C) | TO-247VAR TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 8A I(C) | TO-247VAR
|
|
IRGPC50K |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 52A I(C) | TO-247AC
|
|
IRGC100B120UB |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | CHIP 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展|芯片
|
Belden, Inc.
|
OMD38L60ML OMD75N06ML |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 76A I(C) | M:ML111MW084 30V N-Channel PowerTrench MOSFET
|
|
F400R06KF |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 400A I(C) | MODULE-S 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展|四楼一(c)|模块
|
Thomas
|
HGT1S1N120CNDS9A |
TRANSISTOR | IGBT | N-CHAN | 1.2KV V(BR)CES | 6.2A I(C) | TO-263AB 晶体管| IGBT的|正陈| 1.2KV五(巴西)国际消费电子展| 6.2AI(丙)|63AB
|
Intersil, Corp.
|
IXSK40N60BD1 |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 75A I(C) | TO-264AA 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 75A条一(c)|64AA
|
IXYS, Corp.
|
IXGH24N60C |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 48A I(C) | TO-247AD 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 48A条一(c)|采用TO - 247AD
|
IXYS, Corp.
|
IXSH35N100 |
TRANSISTOR | IGBT | N-CHAN | 1KV V(BR)CES | 35A I(C) | TO-247AD 晶体管| IGBT的|正陈| 1KV交五(巴西)国际消费电子展| 35A条一(c)|采用TO - 247AD
|
PerkinElmer, Inc.
|
IRG4BC30S-S IRG4BC30SS IRG4BC30S-STRL IRG4BC30S-ST |
TRANSISTOR | IGBT | N-CHAN | 600V V(BR)CES | 18A I(C) | TO-263AB 晶体管| IGBT的|正陈| 600V的五(巴西)国际消费电子展| 18A条一(c)|63AB INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V, Vce(on)typ.=1.4V, @Vge=15V, Ic=18A) 绝缘栅双极晶体管IGBT的标准速度(VCES和\u003d 600V电压的Vce(on)典\u003d.4V,@和VGE \u003d 15V的,集成电路\u003d 18A条) INSULATED GATE BIPOLAR TRANSISTOR Standard Speed IGBT(Vces=600V Vce(on)typ.=1.4V @Vge=15V Ic=18A) 600V DC-1 kHz (Standard) Discrete IGBT in a D2-Pak package
|
International Rectifier, Corp. IRF[International Rectifier]
|